PART |
Description |
Maker |
LC87F06J2A |
CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AK4355 AK4355VF AKD4355 |
6-channel 24-bit 192K 106dB Digital volume (DATT) AK4355 192KHZ 24BIT 6CH DAC FOR DVD AUDIO 192kHz 24-Bit 6ch DAC for DVD-Audio
|
AKM[Asahi Kasei Microsystems]
|
LC87F7DJ2C |
FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
CIU96S192UFB |
高安全性 192K FLASH CIU96S192UFB 芯片
|
华大电子
|
AK4114 |
192K S/PDIF Transceiver w/8channel mux
|
AKM
|
AT90SC19272RC |
Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 72K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side chan SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
S30EB7C |
Highest Flux Blue
|
赫备国际贸易(上海)有限公司
|
ES9006S ES9008S |
Highest Performance Audio DAC
|
ESS Technology,Inc
|
MJWI20-24D12 MJWI20-24D15 MJWI20-48S24 MJWI20-48S0 |
DC/DC CONVERTER 20W, Highest Power Density
|
Minmax Technology Co., Ltd. Minmax Technology Co., ...
|
MKWI40-24S24 MKWI40-24D15 MKWI40-24S12 MKWI40-24S1 |
DC/DC CONVERTER 40W, Highest Power Density
|
Minmax Technology Co., Ltd.
|
MJW25-24D12 MJW25-24S05 MJW25-24S15 MJW25-24S12 MJ |
DC/DC CONVERTER 25W, Highest Power Density 1
|
Minmax Technology Co., Ltd.
|
E12GY9C |
Highest Flux Yellow (Amber) 最高流量黄色(黄色
|
赫备国际贸易(上海)有限公司 HB International Trading (Shanghai) Co., Ltd.
|